PART |
Description |
Maker |
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
HFA1110_883 FN3620 HFA1110MJ_883 HFA1110MJ/883 HFA |
750MHz, Low Distortion Unity Gain, Closed Loop Buffer FN3620.2 750MHz, Low Distortion 750MHz, Low Distortion From old datasheet system XO 156.25MHZ 50PPM 3.3V 15PF-LOAD SMD-7050 TR-7-PL
|
Intersil Corporation
|
MAX4475 MAX4475ASA MAX4475AUA MAX4475AUT-T MAX4476 |
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps SOT23 / Low-Noise / Low-Distortion / Wide-Band / Rail-to-Rail Op Amps SOT23 Low-Noise Low-Distortion Wide-Band Rail-to-Rail Op Amps "SOT23, Low-Noise/Distortion, Wideband, Rail-to-Rail Op Amp" SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps DUAL OP-AMP, 750 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
BFP280W |
NPN Silicon RF Transistor for low noi...
|
Infineon
|
HSMP-3810 HSMP-3814 DEMO-HSMP38-XX HSMP-481B |
Surface Mount RF PIN Low Distortion Attenuator Diodes(表贴型射PIN 低衰减失真二极管) 演示电路 Low Distortion Pin Attenuator Diode
|
AGILENT
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
ICS8432I-101 ICS8432-101I ICS432DI101L ICS8432DI-1 |
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER From old datasheet system 700MHz, Low Phase Noise, LVPECL Frequency Synthesizer. Industrial Temperature. (P)
|
ICST[Integrated Circuit Systems]
|
LT1806 LT1806CS8 LT1806IS8 1806I |
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp OP-AMP, 900 uV OFFSET-MAX, 290 MHz BAND WIDTH, PDSO8 325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion Low Noise Precision Op Amp From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC6401IUD-20TRPBF LTC6401CUD-20TRPBF LTC6400-20 |
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF 1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF 1.3GHz的低噪声,低失真差分ADC驱动器为140MHz的中
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC6400-26 LTC6400CUD-26-PBF LTC6400CUD-26-TRPBF L |
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
|
Linear Technology
|